Part Number Hot Search : 
H3004 D06N60 B25667 MAX9028 D065A BCR19 2SD2251 ON1017
Product Description
Full Text Search
 

To Download M54522P11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aug. 1999 pin configuration mitsubishi semiconductor m54522p/fp 8-unit 400ma darlington transistor array with clamp diode circuit diagram 1 in1 ? in2 ? in3 ? in4 ? in5 ? in6 ? in7 ? ? com common ? o8 in8 ? gnd 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 ? o7 ? o6 ? o5 ? o4 ? o3 ? o2 ? o1 ? ? ? ? ? ? ? y ? ? ? ? ? ? ? t ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 1 nc in1 ? in2 ? in3 ? in4 ? in5 ? in6 ? common ? o8 in7 ? in8 ? 2 3 4 5 6 7 8 9 20 19 18 17 16 15 14 13 12 ? com gnd 10 11 ? o7 ? o6 ? o5 ? o4 ? o2 ? o3 ? o1 nc ? ? ? ? ? ? ? y ? ? ? ? ? ? ? t ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? nc : no connection package type 18p4g(p) input output input output package type 20p2n-a(fp) 20k 2k 20k com gnd input output the diode, indicated with the dotted line, is parasitic, and cannot be used. unit : w the eight circuits share the com and gnd. description m54522p and m54522fp are eight-circuit darlington tran- sistor arrays with clamping diodes. the circuits are made of npn transistors. both the semiconductor integrated circuits perform high-current driving with extremely low input-current supply. features high breakdown voltage (bv ceo 3 40v) high-current driving (ic(max) = 400ma) with clamping diodes driving available with pmos ic output wide operating temperature range (ta = C20 to +75 c) application drives of relays and printers, digit drives of indication ele- ments (leds and lamps), and interfaces between microcom- puter output and high-current or high-voltage systems function the m54522p and m54522fp each have eight circuits con- sisting of npn darlington transistors. these ics have resis- tance of 20k w between input transistor bases and input pins. a spike-killer clamping diode is provided between each out- put pin (collector) and com pin. the output transistor emit- ters are all connected to the gnd pin (pin 8). the collector current is 400ma maximum. collector-emitter supply voltage is 40v maximum. the m54522fp is enclosed in a molded small flat package, enabling space-saving design.
aug. 1999 collector-emitter breakdown voltage input current clamping diode forward voltage clamping diode reverse current dc amplification factor v o v il mitsubishi semiconductor m54522p/fp 8-unit 400ma darlington transistor array with clamp diode absolute maximum ratings (unless otherwise noted, ta = ?0 ~ +75 c) v ma v ma v w c c ?.5 ~ +40 400 ?.5 ~ +40 400 40 1.79(p)/1.10(fp) ?0 ~ +75 ?5 ~ +125 ratings symbol parameter conditions unit v v parameter 0 8 4 0 40 0.5 limits min typ max symbol unit 0 0 400 200 30 ma v v ma v m a 40 0.3 1000 1.15 0.95 0.85 1.5 8000 2.4 1.6 1.8 2.4 100 symbol unit parameter test conditions limits min typ + max v + : the typical values are those measured under ambient temperature (ta) of 25 c. there is no guarantee that these values are obtained under any conditions. ns ns 30 930 symbol unit parameter test conditions limits min typ max v ceo i c v i i f v r p d t opr t stg collector-emitter voltage collector current input voltage clamping diode forward current clamping diode reverse voltage power dissipation operating temperature storage temperature output, h current per circuit output, l ta = 25 c, when mounted on board i c v ih output voltage ??input voltage ??input voltage i c 2 400ma i c 2 200ma duty cycle p : no more than 30% fp : no more than 20% duty cycle p : no more than 7% fp : no more than 5% collector current (current per 1 cir- cuit when 8 circuits are coming on si- multaneously) v (br) ceo i i v f i r h fe collector-emitter saturation voltage v ce (sat) i ceo = 100 m a v i = 8v, i c = 400ma v i = 4v, i c = 200ma v i = 17v i f = 400ma v r = 40v v ce = 4v, i c = 300ma, ta = 25 c recommended operating conditions (unless otherwise noted, ta = ?0 ~ +75 c) electrical characteristics (unless otherwise noted, ta = ?0 ~ +75 c) switching characteristics (unless otherwise noted, ta = 25 c) turn-on time turn-off time t on t off c l = 15pf (note 1)
aug. 1999 timing diagram note 1 test circuit mitsubishi semiconductor m54522p/fp 8-unit 400ma darlington transistor array with clamp diode pg 50 w c l measured device open v o r l input output (1) pulse generator (pg) characteristics : prr = 1khz, tw = 10 m s, tr = 6ns, tf = 6ns, z o = 50 w v in = 0 to 8v (2) input-output conditions : r l = 25 w , v o = 10v (3) electrostatic capacity c l includes floating capacitance at connections and input capacitance at probes ton 50% 50% 50% 50% toff input output thermal derating factor characteristics ambient temperature ta ( c) m54522fp m54522p power dissipation pd (w) 0 0 0.5 1.0 1.5 2.0 25 50 75 100 output saturation voltage collector current characteristics output saturation voltage v ce (sat) (v) 0 0 200 100 300 v i = 4v ta = ?0 c ta = 25 c ta = 75 c 400 500 0.5 1.0 1.5 2.0 collector current ic (ma) duty-cycle-collector characteristics (m54522p) duty cycle (%) ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ?a = 25 c ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ?a = 75 c 0 0 100 200 300 400 500 a ? ? ? ? ? 20 40 60 80 100 collector current ic (ma) duty-cycle-collector characteristics (m54522p) duty cycle (%) 0 0 100 200 300 400 500 ? ? ? ? ? a 20 40 60 80 100 collector current ic (ma) typical characteristics
aug. 1999 mitsubishi semiconductor m54522p/fp 8-unit 400ma darlington transistor array with clamp diode duty-cycle-collector characteristics (m54522fp) duty cycle (%) ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ?a = 25 c 0 0 100 200 300 400 500 a ? ? ? ? ? 20 40 60 80 100 collector current ic (ma) ?he collector current values represent the current per circuit. ?epeated frequency 3 1 0hz ?he value in the circle represents the value of the simultaneously-operated circuit. ?a = 75 c duty-cycle-collector characteristics (m54522fp) duty cycle (%) 0 0 100 200 300 400 500 ? ? ? ? ? a 20 40 60 80 100 collector current ic (ma) dc amplification factor collector current characteristics collector current ic (ma) 10 0 10 3 v ce = 4v ta = 25 c ta = 75 c ta = ?0 c 5 3 2 7 5 3 2 7 10 5 10 4 5 3 2 7 10 3 10 2 23 57 10 2 23 57 10 1 23 57 dc amplification factor h fe grounded emitter transfer characteristics input voltage v i (v) 0 v ce = 4v ta = 25 c ta = 75 c ta = ?0 c 100 200 300 400 0 1234 collector current ic (ma) input characteristics input voltage v i (v) 0 ta = 25 c ta = 75 c ta = ?0 c 0.5 1.0 1.5 2.0 0 5 10152025 input current i i (ma) clamping diode characteristics forward bias voltage v f (v) 0 0 100 200 ta = ?0 c ta = 25 c ta = 75 c 300 400 0.5 1.0 1.5 2.0 forward bias current i f (ma)


▲Up To Search▲   

 
Price & Availability of M54522P11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X